Part Number Hot Search : 
PE4642 34063 PRODUCT 16F676P HAT2267H 34601 IRKT911 LT1413A
Product Description
Full Text Search
 

To Download 395340120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0395340005 Active
5.08mm (.200") Pitch EurostyleTM Horizontal Plug, with Retention Screws, 5 Circuits
Product Specification PS-39500-001 (PDF) RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39534 Wire-to-Board Plug USA-355 ESE, EurostyleTMPluggable Euro Block image - Reference only
Series
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Wire Size AWG Wire Size mm 5 Vertical Yes 1 Horizontal 0.200 In 5.08 mm No 0.200 In 5.08 mm Yes No -40C to +105C 12, 14, 16, 18, 20, 22, 24, 26 0.13 - 3.31
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 39534Series Mates With Most 5.08mm (.200") Pitch Industry Standard PCB Headers, 39535 Vertical PCB Header with Threaded Retention Inserts, 39536 Horizontal PCB Header with Threaded Retention Inserts
Electrical
Current - Maximum per Contact Voltage - Maximum 15A 300V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-39500-001 SD-39534-001
This document was generated on 04/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Black 100% Tin Circuit size Printing Options None 395340002 395340003 395340004 395340005 395340006 395340007 395340008 395340009 395340010 395340011 395340012 395340013 395340014 395340015 395340016 395340017 395340018 395340019 395340020 395340021 395340022 395340023 395340024 10A 395340102 395340103 395340104 395340105 395340106 395340107 395340108 395340109 395340110 395340111 395340112 395340113 395340114 395340115 395340116 395340117 395340118 395340119 395340120 395340121 395340122 395340123 395340124 11A 395340202 395340203 395340204 395340205 395340206 395340207 395340208 395340209 395340210 395340211 395340212 395340213 395340214 395340215 395340216 395340217 395340218 395340219 395340220 395340221 395340222 395340223 395340224 None 395340502 395340503 395340504 395340505 395340506 395340507 395340508 395340509 395340510 395340511 395340512 395340513 395340514 395340515 395340516 395340517 395340518 395340519 395340520 395340521 395340522 395340523 395340524 30 u" Gold Printing Options 10A 395340602 395340603 395340604 395340605 395340606 395340607 395340608 395340609 395340610 395340611 395340612 395340613 395340614 395340615 395340616 395340617 395340618 395340619 395340620 395340621 395340622 395340623 395340624 11A 395340702 395340703 395340704 395340705 395340706 395340707 395340708 395340709 395340710 395340711 395340712 395340713 395340714 395340715 395340716 395340717 395340718 395340719 395340720 395340721 395340722 395340723 395340724 None 395345002 395345003 395345004 395345005 395345006 395345007 395345008 395345009 395345010 395345011 395345012 395345013 395345014 395345015 395345016 395345017 395345018 395345019 395345020 395345021 395345022 395345023 395345024 100% Tin Printing Options 10A 395345102 395345103 395345104 395345105 395345106 395345107 395345108 395345109 395345110 395345111 395345112 395345113 395345114 395345115 395345116 395345117 395345118 395345119 395345120 395345121 395345122 395345123 395345124 11A 395345202 395345203 395345204 395345205 395345206 395345207 395345208 395345209 395345210 395345211 395345212 395345213 395345214 395345215 395345216 395345217 395345218 395345219 395345220 395345221 395345222 395345223 395345224 None 395345502 395345503 395345504 395345505 395345506 395345507 395345508 395345509 395345510 395345511 395345512 395345513 395345514 395345515 395345516 395345517 395345518 395345519 395345520 395345521 395345522 395345523 395345524 Green 30 u" Gold Printing Options 10A 395345602 395345603 395345604 395345605 395345606 395345607 395345608 395345609 395345610 395345611 395345612 395345613 395345614 395345615 395345616 395345617 395345618 395345619 395345620 395345621 395345622 395345623 395345624 11A 395345702 395345703 395345704 395345705 395345706 395345707 395345708 395345709 395345710 395345711 395345712 395345713 395345714 395345715 395345716 395345717 395345718 395345719 395345720 395345721 395345722 395345723 395345724 Dim. A mm 10.16 15.24 20.32 25.40 30.48 35.56 40.64 45.72 50.80 55.88 60.96 66.04 71.12 76.20 81.28 86.36 91.44 96.52 101.60 106.68 111.76 116.84 121.92 inch 0.400 0.600 0.800 1.000 1.200 1.400 1.600 1.800 2.000 2.200 2.400 2.600 2.800 3.000 3.200 3.400 3.600 3.800 4.000 4.200 4.400 4.600 4.800 Dim B mm 5.08 10.16 15.24 20.32 25.40 30.48 35.56 40.64 45.72 50.80 55.88 60.96 66.04 71.12 76.20 81.28 86.36 91.44 96.52 inch 0.200 0.400 0.600 0.800 1.000 1.200 1.400 1.600 1.800 2.000 2.200 2.400 2.600 2.800 3.000 3.200 3.400 Dim. C mm 15.08 20.16 25.24 30.32 35.40 40.48 45.56 50.64 55.72 60.80 65.88 70.96 76.04 81.12 86.20 91.28 96.36 inch 0.594 0.794 0.994 1.194 1.394 1.594 1.794 1.994 2.194 2.394 2.594 2.794 2.994 3.194 3.394 3.594 Dim. D mm 19.96 25.04 30.12 35.20 40.28 45.36 50.44 55.52 60.60 65.68 70.76 75.84 80.92 86.00 91.08 96.16 inch 0.786 0.986 1.186 1.386 1.586 1.786 1.986 2.186 2.386 2.586 2.786 2.986 3.186 3.386 3.586 3.786 Dimensional Information
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
3.794 101.24 3.986
3.600 101.44 3.994 106.32 4.186 3.800 106.52 4.194 111.40 4.386
101.60 4.000 111.60 4.394 116.48 4.586 106.68 4.200 116.68 4.594 121.56 4.786 111.76 4.400 121.76 4.794 126.64 4.986 116.84 4.600 126.84 4.994 131.72 5.186


▲Up To Search▲   

 
Price & Availability of 395340120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X